Part Number Hot Search : 
400AA M63823GP S1616 3224T 2662N CJ303NL HT1621 SM205
Product Description
Full Text Search
 

To Download 249PC15M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Interactive Catalog Replaces Catalog Pages
Honeywell Sensing and Control has replaced the PDF product catalog with the new Interactive Catalog. The Interactive Catalog is a power search tool that makes it easier to find product information. It includes more installation, application, and technical information than ever before.
Click this icon to try the new Interactive Catalog.
Sensing and Control Honeywell Inc. 11 West Spring Street Freeport, Illinois 61032
Pressure Sensors Pressure-to-Current/Amplified
FEATURES Unidirectional gage pressure measurement 2-wire, causes a 4-20 mA change in current, linearly proportional to pressure input Screw-in or flat-pack mounting Rugged die-cast aluminum housing 249PC SERIES PERFORMANCE CHARACTERISTICS at 24.0 0.01 VDC Excitation, 25 Ohm Load, 25C Min.
Excitation Response Time Supply Voltage Sensitivity 20-24 VDC and 24-28 VDC Stability over One Year Current Output 249PC15G at 3 psig 249PC15G at 15 psig Null (0-100 & 0-250 psig) Full pressure (0-100 & 0-250 psig) Weight Output Ripple 10.0 ------3.7 19.7 3.7 19.5 ---
249PC Series
Typ.
24.0 --0.15 1.0 4.0 20.0 4.0 20.0 85
Max.
32.0 1.00 ----4.3 20.3 4.3 20.5 ---
Units
VDC msec % Span % Span mA
Amplified
grams
None, DC device
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature Storage Temperature Compensated Temperature Shock Vibration Media -40 to +85C (-40 to +185F) -40 to +85C (-40 to +185F) -18 to +63C (0 to +145F) MIL-STD-202, Method 213 (50 g, half sine, 6 msec) MIL-STD-202, Method 204 (10 to 2000 Hz at 10 g) P2 port Wetted materials; die-cast aluminum housing, O-ring seal, silicon, borosilicate glass, and siliconto-glass bond*
*Liquid media containing some highly ionic solutions could potentially neutralize the chip-to-glass tube bond.
249PC SERIES ORDER GUIDE, GAGE, Buna-N O-Ring Port Seal
Catalog Listing 249PC15M* 249PC100G 249PC250G Pressure Range psi 3-15 0-100 0-250 Null & Sensitivity Shift 25 to 0C, 25 to 50C Max. 1.0 1.0 1.0 Sensitivity mA/psi 1.330 0.160 0.064 Overpressure psi % Span Max. 45 200 500 Linearity & Hysteresis % Span Max. 0.75 0.75 1.00 Repeatability B.F.S.L. Typ. 0.25 0.25 0.25
*Adhesive between thermoplastic and aluminum instead of O-ring seal.
249PC SERIES ORDER GUIDE, GAGE, Ethylene Propylene O-Ring Port Seal
Catalog Listing 249PC100GS 249PC250GS Pressure Range psi 0-100 0-250 Null & Sensitivity Shift 25 to 0C, 25 to 50C Max. 1.0 1.0 Sensitivity mA/psi 0.160 0.064 Overpressure psi % Span Max. 200 500 Linearity & Hysteresis % Span Max. 0.75 1.00 Repeatability B.F.S.L. Typ. 0.25 0.25
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
55
Pressure Sensors Pressure-to-Current/Amplified
ELECTRICAL CONNECTION MOUNTING DIMENSIONS (For reference only) Leadwires 1 - Red, Vs 2 - Black, Ground (-)
249PC Series
NULL AND SENSITIVITY SHIFT Current output pressure sensors are 100% tested to insure that the maximum null and sensivity temperature shift does not exceed the specification. The maximum shift occurs at temperature extremes. Therefore, if a sensor is not exposed to the entire temperature range, the maximum null and sensitivity shift will actually be less than the value specified. EXTERNAL LOAD RESISTANCE VS SUPPLY VOLTAGE
56
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada


▲Up To Search▲   

 
Price & Availability of 249PC15M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X